Part Number Hot Search : 
40237 RU3582S PT370 PSB21150 CM3628 MC145516 EM78P L9UG5730
Product Description
Full Text Search
 

To Download NRVB130 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2014 april, 2013 ? rev. 5 1 publication order number: mbr130t1/d mbr130, NRVB130 surface mount schottky power rectifier plastic sod?123 package this device uses the schottky barrier principle with a large area metal?to?silicon power diode. ideally suited for low voltage, high frequency rectification or as free wheeling and polarity protection diodes in surface mount applications where compact size and weight are critical to the system. this package also provides an easy to work with alternative to leadless 34 package style. features ? guardring for stress protection ? low forward voltage ? 125 c operating junction temperature ? epoxy meets ul 94 v?0 @ 0.125 in ? package designed for optimal automated board assembly ? esd rating: ? human body model = 3 ? machine model = c ? nrvb prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable ? these are pb?free packages* mechanical characteristics ? device marking: s3 ? polarity designator: cathode band ? weight: 11.7 mg (approximately) ? case: epoxy, molded ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes: 260 c max. for 10 seconds *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. device package shipping ? ordering information http://onsemi.com sod?123 case 425 style 1 schottky barrier rectifier 1.0 amperes 30 volts marking diagram s3 m   1 s3 = specific device code m = date code  = pb?free package mbr130t1g, NRVB130t1g sod?123 (pb?free) 3,000 / tape & reel ** 10,000 / tape & reel *** ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification brochure, brd8011/d. (note: microdot may be in either location) mbr130t3g, NRVB130t3g sod?123 (pb?free) ** 8 mm tape, 7? reel *** 8 mm tape, 13? reel
mbr130, NRVB130 http://onsemi.com 2 maximum ratings rating symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v average rectified forward current (rated v r ) t l = 65 c i f(av) 1.0 a non?repetitive peak surge current (surge applied at rated load conditions, halfwave, single phase, 60 hz) i fsm 5.5 a storage temperature range t stg ?65 to +125 c operating junction temperature t j ?65 to +125 c voltage rate of change (rated v r ) dv/dt 1000 v/  s stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. thermal characteristics characteristic symbol value unit thermal resistance, junction to ambient (note 1) r ja 230 c/w thermal resistance, junction to lead (note 1) r jl 108 c/w 1. fr?4 or fr?5 = 3.5 1.5 inches using a 1 inch cu pad. electrical characteristics characteristic symbol typ max unit instantaneous forward voltage (note 2) (i f = 0.1 a, t j = 25 c) (i f = 0.7 a, t j = 25 c) (i f = 1.0 a, t j = 25 c) v f ? ? 0.47 0.35 0.45 ? v maximum instantaneous reverse current (note 2) (rated dc voltage, t c = 25 c) (v r = 5 v, t c = 25 c) i r 60 10  a product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions. 2. pulse test: pulse width = 300  s, duty cycle 2%.
mbr130, NRVB130 http://onsemi.com 3 10 1 0.1 v f , instantaneous forward voltage (volts) figure 1. maximum forward voltage 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.6 figure 2. typical forward voltage t j = 125 c 75 c 25 c 0.55 0.65 10 1 0.1 v f , instantaneous forward voltage (volts) 0.2 0.25 0.3 0.35 0.4 0.45 0.5 0.6 t j = 125 c 75 c 25 c 0.55 0.6 5 i f , instantaneous forward current (amps) i f , instantaneous forward current (amps) figure 3. typical reverse current v r , reverse voltage (volts) 0.01 0.001 0.0001 0.00001 30 25 20 15 10 5 0 figure 4. typical capacitance v r , reverse voltage (volts) 3 5 30 25 20 15 10 5 0 180 160 140 120 100 80 60 40 20 0 200 figure 5. current derating, lead, r  jl = 108  c/w t l , lead temperature ( c) 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 120 100 80 60 40 20 0 figure 6. forward power dissipation i f(av) , average forward current (amps) 1. 8 1.4 1.2 1 0.8 0.6 0.4 0.2 0 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.2 0 0.8 0.9 i r , reverse current (amps) 0.000001 0.0000001 c, capacitance (pf) t j = 125 c 75 c 25 c i f(av) , average forward current (amps) square wave rated voltage applied dc p f(av) , average forward power dissipation (watts) 1.6 square wave dc
mbr130, NRVB130 http://onsemi.com 4 package dimensions sod?123 case 425?04 issue g notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. aaaa aaaa e b d a l c 1 2 a1 dim min nom max millimeters inches a 0.94 1.17 1.35 0.037 a1 0.00 0.05 0.10 0.000 b 0.51 0.61 0.71 0.020 c 1.60 0.15 0.055 d 1.40 1.80 e 2.54 2.69 2.84 0.100 --- 3.68 0.140 l 0.25 3.86 0.010 h e 0.046 0.002 0.024 0.063 0.106 0.145 0.053 0.004 0.028 0.071 0.112 0.152 min nom max 3.56 h e --- --- --- 0.006 --- --- --- --- *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* style 1: pin 1. cathode 2. anode 1.22 0.048  mm inches  scale 10:1  --- ---  00 10 10 on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mbr130t1/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of NRVB130

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X